Part Number Hot Search : 
OPI1264A 2SK2040 TZA1024 V585ME06 4N32SM R4000 L934NC 1N4149
Product Description
Full Text Search
 

To Download EWS3000T-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EWS-T-SERIES
Single output 1500W ~ 5000W
Unit Type Power Supply Model name
EWS 1500T-5
Nominal output voltage Name of series Output power
Features
Compact size/3 phase-3 wire/High power Input: 3o200V, Power factor: 0.95 Output voltage programmable: 0V to nominal output voltage by external control. Voltage adjustable range: 20% Load current sharing Open phase detector 3 year warranty
EWS1500T
EWS3000T
EWS5000T
3 year warranty
Specifications
1. Input voltage range 2. Power factor 3. Output voltage range 4. Cooling 5. Operating ambient temperature 6. Withstand voltage 7. Safety standard 8. Functions 3 phases-3 wire 170 ~ 265VAC (47 ~ 63 Hz) 0.95 (typ) 200VAC at full load 20% (2V, 3.3V: -10 ~ +20%), 0V to nominal output voltage x 120% by external control Forced air cooling by internal fan -10 ~ +60C (Standard mounting) Output derating: 70% at -10C, 100% at 0 ~ +50C, 70% at +60C Input-output: 2.5kVAC, Output-chassis: 2.5kVAC, Output-chassis: 500VAC for 1 min. Conforms to UL and CSA Over voltage protection, Over current protection, Thermal protection, Remote sensing Remote on/off control, Power failure signal, Output current balancing
Product lineup
Model name EWS1500T-2 EWS1500T-3.3 EWS1500T-5 EWS1500T-10 EWS1500T-12 EWS1500T-15 EWS1500T-24 EWS1500T-36 EWS1500T-48 EWS3000T-2 EWS3000T-3.3 EWS3000T-5 EWS3000T-10 EWS3000T-12 EWS3000T-15 EWS3000T-24 EWS3000T-36 EWS3000T-48 EWS5000T-2 EWS5000T-3.3 EWS5000T-5 Nominal output voltage 2V 3.3V 5V 10V 12V 15V 24V 36V 48V 2V 3.3V 5V 10V 12V 15V 24V 36V 48V 2V 3.3V 5V Max. output current 300A 300A 300A 150A 125A 100A 63A 42A 32A 600A 600A 600A 300A 250A 200A 125A 84A 63A 1000A 1000A 1000A Max. DC output power 600W 990W 1500W 1500W 1500W 1500W 1512W 1512W 1536W 1200W 1980W 3000W 3000W 3000W 3000W 3000W 3024W 3024W 2000W 3300W 5000W UL CSA
EWS1500T
EWS3000T
EWS5000T
Request customer specification for further details of specifications, outline, characteristics, etc. Read the instruction manual before usage. Contact us about delivery before ordering.
: Safety standard approved : Conforms to safety standard
19
EWS-T-SERIES
Unit Type Power Supply EWS1500T
Recommended Noise Filter
MB1310
(TOP VIEW) (RIGHT SIDE VIEW)
P141
(FRONT VIEW)
EWS3000T
MB1320
Recommended Noise Filter
(TOP VIEW)
(RIGHT SIDE VIEW)
P141
(FRONT VIEW)
EWS5000T
Recommended Noise Filter
MB1330
(TOP VIEW) (RIGHT SIDE VIEW)
P141
(FRONT VIEW)
(Unit: mm) 20


▲Up To Search▲   

 
Price & Availability of EWS3000T-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X